PART |
Description |
Maker |
VTSRC20AA150470T1 VTSRC20AA150470T5 VISHAYTHINFILM |
RC NETWORK, T-FILTER, 1W, 15ohm, 0.000047uF, SURFACE MOUNT, TSSOP-20 RC NETWORK, T-FILTER, 1W, 39ohm, 0.00001uF, SURFACE MOUNT, TSSOP-20 RC NETWORK, T-FILTER, 1W, 82ohm, 0.000022uF, SURFACE MOUNT, TSSOP-20 RC NETWORK, T-FILTER, 1W, 120ohm, 0.00001uF, SURFACE MOUNT, TSSOP-20 RC NETWORK, T-FILTER, 1W, 27ohm, 0.000015uF, SURFACE MOUNT, TSSOP-20 RC NETWORK, T-FILTER, 1W, 27ohm, 0.00015uF, SURFACE MOUNT, TSSOP-20
|
VISHAY THIN FILM
|
VRD220K800MUF VRD270K100MTF VRD680K800MTF |
RC NETWORK, TAPPED FILTER NETWORK, 1W, 22ohm, 0.00008uF, SURFACE MOUNT, SOT-3 RC NETWORK, TAPPED FILTER NETWORK, 1W, 27ohm, 0.00001uF, SURFACE MOUNT, SOT-3 RC NETWORK, TAPPED FILTER NETWORK, 1W, 68ohm, 0.00008uF, SURFACE MOUNT, SOT-3
|
VISHAY THIN FILM
|
IP4251CZ8-4 IP4252CZ8-4 IP4253CZ8-4 IP4254CZ8-4 IP |
Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT984-1 (HXSON12U), Reel Pack, SMD, 13" 6 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 6 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT985-1 (HXSON16U), Reel Pack, SMD, 13" 8 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 8 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT983-1 (HXSON8U), Reel Pack, SMD, 13" 4 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 4 FUNCTIONS, 5.6 V, DATA LINE FILTER
|
NXP Semiconductors N.V.
|
GUS-QRC1284-332-MM GUS-QRC1284-332-KM |
TaNCap QSOP IEEE 1284 Filter Network
|
IRC - a TT electronics Company.
|
PEMI6CSP-RW PEMI6CSP-RT PEMI4CSP-RT PEMI4CSP-RW |
Integrated 4-, 6- and 8-channel passive filter network with ESD protection
|
NXP Semiconductors
|
QRC1284X2 QRC1284 |
From old datasheet system TaNCap IEEE 1284 Integrated Filter Network
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
CSPRC032A |
"EMI/RFI Filter Network, Chip Scale Package" From old datasheet system
|
California Micro Devices
|
SOMC16012K20GEA SOMC160110K0JEA SOMC160110K0GRYP7 |
Array/Network Resistor, RESISTOR, NETWORK, FILM, BUSSED, 1.2 W, SURFACE MOUNT, DIP, ROHS COMPLIANT SOMC Thick Film Resistor Networks, Dual-In-Line, Medium Body, Small Outline, Molded DIP, Surface Mount Array/Network Resistor, RESISTOR, NETWORK, FILM, ISOLATED, 1.6 W, SURFACE MOUNT, DIP, ROHS COMPLIANT Array/Network Resistor, RESISTOR, NETWORK, FILM, ISOLATED, 1.28 W, SURFACE MOUNT, DIP Array/Network Resistor, RESISTOR, NETWORK, FILM, ISOLATED, 1.28 W, SURFACE MOUNT, DIP, ROHS COMPLIANT Array/Network Resistor, RESISTOR, NETWORK, FILM, BUSSED, 1.52 W, SURFACE MOUNT, DIP Array/Network Resistor, RESISTOR, NETWORK, FILM, TERMINATOR, 1.05 W, SURFACE MOUNT, DIP
|
Vishay Siliconix Vishay Dale
|
IP4254CZ12 IP4254CZ16 IP4254CZ8 IP4253CZ12 IP4253C |
Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4
|
NXP Semiconductors
|
|